PART |
Description |
Maker |
NTB90N02 NTB90N02T4 NTP90N02 |
Power MOSFET 90 Amps / 24 Volts TV 18C 14#22D 4#8(TWINAX) PIN 90 A, 24 V, 0.0058 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 90 Amps, 24 Volts Power MOSFET 90 Amps 24 Volts
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
MMDFS3P303 MMDFS3P303R2 MMDFS3P303-D |
Power MOSFET 3 Amps / 30 Volts Power MOSFET 3 Amps, 30 Volts P-Channel SO-8, FETKY
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTMD6N02R2/D NTMD6N02R2-D |
Power MOSFET 6.0 Amps, 20 Volts N-Channel Enhancement Mode Dual SO-8 Package Power MOSFET 6.0 Amps20 Volts
|
ON Semiconductor
|
NTF3055-100 NTF3055-100T3G |
Power MOSFET 3.0 Amps, 60 Volts N-Channel SOT-223(3A,60V逻辑电平,N通道 SOT-223 封装的功率MOSFET) Power MOSFET 3.0 Amps 60 Volts N−Channel
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
NTD18N06-1G NTD18N06L-001 NTD18N06G |
Power MOSFET 18 Amps, 60 Volts 18 A, 60 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 369D-01, DPAK-3
|
ON Semiconductor
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
MTD4N20E MTD4N20ET4 MTD4N20E-1 |
N?Channel DPAK Power MOSFET OBSOLETE - Power MOSFET 4 Amps, 200 Volts
|
ON Semiconductor
|
NTMS7N03R2G |
Power MOSFET 7 Amps, 30 Volts
|
ON Semiconductor
|
|